PART |
Description |
Maker |
W78L32/P/F |
W78C32C Wide Voltage Version
|
Winbond Electronics
|
W77LE532 |
Wide Voltage Version of W77E532
|
Winbond Electronics
|
MC7808ACT MC7808CT MC7809CT MC7808CTG MC7808CDT MC |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 Analog Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders SMA R/A PLUG TO JACK RoHS Compliant: Yes 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, SFM3 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 8 V FIXED POSITIVE REGULATOR, SFM3 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive vlotage regulators 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A Positive Vlotage Regulators 正电压稳压器1.0 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, PSSO2 16-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Isolated, Wide-Output, Power Module w/ TurboTra 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, PSSO2 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 3-A, 3.3/5-V Input Adjustable Switching Regulator 5-DIP MODULE -40 to 85 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85
|
http:// Rectron Semiconductor
|
R1LV0408CSP-7LI R1LV0408CSA-5SI R1LV0408CSA-7LI R1 |
Memory>Low Power SRAM Wide Temperature Range Version 4M SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 隆驴 8-bit) Wide Temperature Range Version 4M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 8-bit)
|
Renesas Electronics Corporation HITACHI[Hitachi Semiconductor]
|
R1LV1616H-I R1LV1616HSA-4LI R1LV1616HSA-5SI |
Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM - Mword6 2 - Mword位) Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM1 - Mword16 2 - Mword位)
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
HM628511CJPI12 HM628511HCJPI-12 HM628511HCI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword × 8-bit)
|
RENESAS[Renesas Electronics Corporation]
|
HM628100I-15 |
Wide Temperature Range Version 8 M SRAM (1024-kword ′ 8-bit)
|
Renesas Electronics Corporation
|
HM62V16514I HM62V16514LTTI-5 HM62V16514LTTI-5SL |
Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
|
Renesas Electronics Corporation
|
R1LV0416CSB-7LI |
Wide Temperature Range Version 4M SRAM (256-kword 16-bit)
|
Renesas Electronics Corporation.
|
HM62V8512CLTTI-7 HM62V8512CI |
Wide Temperature Range Version 4 M SRAM (512-kword ′ 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword ? 8-bit)
|
Renesas Electronics Corporation
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
R1RP0416DI-15 |
Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|